Part Number Hot Search : 
PM7375 LTP757X BG5351K AD394KD VSKT136 STK6328A XXXXXX USF1206
Product Description
Full Text Search
 

To Download 777D15896-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  at the leading edge of film capacitor technology ? sbe reserves the right to amend design data power ring film capacitors tm ul recognized part series 777d sbe part 777D15896-101 power ring film capacitor? 1500 f, 600 vdc the 777D15896-101 power ring is a ul-recognized 600vdc, 1500 f dc link capacitor with an esr of 100 micro-ohms at 20khz and an esl of less than 12nh. electrical specifcations sbe part #: 777D15896-101 capacitance/tolerance: 1500 f 10% dc voltage ratng: 600 vdc dielectric/constructon : metallized polypropylene. single secton design dielectric withstand: units 100% tested at dc potental of 750 volts for two minutes at 25 c ul recogniton: ul 810 ul file #: e364956 typical esr vs. frequency: power ring film capacitors ? sbe part #: 700d10896-348 power ring film capacitor? 1000 f, 600 vdc electrical specifications sbe part #: 700d10896-348 capacitance/tolerance: 1000 f 10% dc voltage rating: 600 vdc dielectric/construction: metallized polypropylene. single section design, non-inductively wound dielectric withstand: unit shall withstand a dc potential of 750 volts for two minutes insulation resistance: 100 m min at +25 c esr vs. frequency: 0 0.5 1 1.5 2 esr, milliohms 0.01 0.1 1 10 100 1000 frequency, khz esl: less than 12 nh in a suitable laminar bus structure operatng temperature: -40 c to +85c at full dc voltage ratng voltage, temperature contact sbe for applicatons de-ratng: above 85 c system fault current 10,000 amps maximum ratng (external to the capacitor): rms current ratng: 0 100 200 300 400 500 600 700 800 900 1000 25 30 35 40 45 50 55 60 65 70 75 maximum ripple current (arms) case temperature ( o c) 75c hotspot 50 fit (1 x rated v) 440arms at 60c case temperature
sbe inc. 81 parker road telephone: 802.476.4146 web site: www.sbelectronics.com barre, vermont 05641 usa fax: 802.661.3950 e-mail: powerring@sbelectronics.com sbe reserves the right to amend design data power ring film capacitors tm ul recognized part series 777d sbe part 777D15896-101 thermal specifcations here are two representatons of capacitor surface temperature over time for two specifc thermal resistances of 1c/w and 0.5c/w. notes regarding these graphs: ? the thermal resistance is that from capacitor to applicaton. this is a functon of the applicaton environment, not the capacitor itself. ? the capacitor can handle extreme current for small duty ratos. trise occurs very slowly. this is because the capacitor has a high specifc heat. ? these charts can be adapted for other currents by multplying y axis values for any tme by (iapp/300)2 ? internal capacitor trise is added to the capacitor surface/terminal temperature. ? terminals are assumed to be at case temperature. mechanical specifcations dimensions: refer to layout details terminals: tin plated copper, 0.032 thick encapsulaton: rtv case - ul 94-v0 marking: sbe inc. sbe company identfcaton 777d101 sbe short form part number 1500 f 10% capacitance value and tolerance 600 vdc dc voltage ratng -40o c to 85o c operatng temperature range yyww-lot#-unit 12-digit serial number (date code, lot number, unit number) ul recogniton logo sample 1. capacitor surface temperature rise above applicaton environment @ 300 amps rms current load, 10 khz. thermal resistance = 0.5c/w: sample 2. capacitor surface temperature rise above applicaton environment @ 300 amps rms current load, 10 khz. thermal resistance = 1c/w: 24.5 25 25.5 26 26.5 27 27.5 28 28.5 29 29.5 0 2000 4000 6000 8000 temperature degrees c time in seconds capacitor surface temperature cap at uniform temperature 25 26 27 28 29 30 31 32 33 0 2000 4000 6000 8000 10000 temperature degrees c time in seconds capacitor surface temperature cap at uniform temperature
at the leading edge of film capacitor technology ? sbe reserves the right to amend design data power ring film capacitors tm ul recognized part series 777d sbe part 777D15896-101 mechanical mountng and additonal thermal notes: this capacitor is optmized for extremely low self inductance when connected to a suitable laminar bus structure. the capacitor internal heatng is very small, and other bus structure heat sources are very likely signifcantly higher than the heat added to the bus by the capacitor. capacitor dissipaton is approximately 7.5w at 300arms, from 1-100khz. it is highly recommended to use infrared thermal imaging from a system cold start to determine the locaton and relatve magnitude of thermal input to the bus. the capacitor may well functon as a thermal conduit for bus structure heat, and it will be very possible that the capacitor internal hot spot is less than the terminal temperature. thermal contour maps are available for some representatve conditons. layout details: contact sbe inc. to discuss your specifc requirements. 226.52 bolt circle 274.22 bolt circle 7x 45.0 265.00 16x m5x0.8 - 6h thru 28 in-lbs max torque 7x 22.5 a 0.50 a b c c b 10.49 55.49 1.00 16 surfaces a 16.84 7.27 12.70 25.40 detail a notes: minimum clearance through air: 25.63mm 1. minimum clearance along surfaces: 30.29mm 2. revisions rev. description chg by chk by apr by date 01 initial release - - - - finish do not scale drawing 7/8/2013 msb unless otherwise specified: all dimensions are in mm checked drawn material geometric tolerancing per: y14.5-2009 eng appr. non-toleranced dimensions are basic agh 6/14/2013 6/14/2013 sheet 1 of 1 size a rev sbe, inc. 81 parker road barre, vt 05641 usa 802.476.4146 fax: 802.661.3950 01 1.00 a b c nathan proprietary and confidential the information contained in this drawing is the sole property of sbe. any reproduction in part or as a whole without the written permission of sbe is prohibited. title dwg. no. 777d101lv power ring capacitor, 1500uf, 600vdc
sbe inc. 81 parker road telephone: 802.476.4146 web site: www.sbelectronics.com barre, vermont 05641 usa fax: 802.661.3950 e-mail: powerring@sbelectronics.com sbe reserves the right to amend design data power ring film capacitors tm advantages of power ring dc link capacitors ? ability to handle higher ripple currents with less capacitance, weight, and volume ? service life of > 200,000 hours for realistc operatng conditons, due to lower losses and beter thermal performance ? minimizaton of igbt overshoot and eliminaton of the need for additonal snubber capacitors ? most efectve isolaton of dc storage or supply from ac switching artfacts ? lowest industry esl at <5nh typical with a properly integrated bus structure ? smaller inverter packaging ? overall system cost savings ? capacitance from 400 f to 2500 f and voltages from 250 vdc to 1200 vdc the sbe power ring film capacitors? utlize traditon - ally available and economical polypropylene and poly - ester capacitor dielectric flms. however, the power of the shape? allows for both thermal and electrical performance which has been unachievable in the flm capacitor industry to date. power ring system performance the combinaton of lowest available trise, esr and esl coupled with highest ripple current handling capability enable the development of industry leading inverter designs with unbeatable performance and reliability. lowest available trise for a given ripple current lowest available esl, less than 5nh demonstrated with optmal integrated bus lowest available esr, less than 150 micro-ohms typical crown terminal architecture provides for a multtude of current paths which allows the monolithic capacitor to functon as a distributed element with a much lower esr than an equivalent array of smaller parts. sbe has developed a next generaton capacitor simulaton tool that allows accurate calculaton of hotspot temperature to allow optmal ratng with excellent reliability. integratng the power ring in an existng design the stacked inverter design evolves from modifying a typical automotve inverter by utlizing the excess space lef above the igbt module (fgure 1). by bend- ing the end of the laminar bus plate, the ibgt, die, cooling plate, and the ring capacitor are stacked on top of each other in a symmetrical fashion. the ring capacitor is placed underneath the cooling plate. the cooling plate is shared with the igbt module which is mounted on the top. figure 1 figure 2 figure 2 shows the stacked inverter design afer the integraton of the ring capacitor and the laminar bus plate. by now combining both aspects of vertcal inte - graton and the low temperature rise characteristcs of the capacitors, an increase to 50% or more volume reducton is realistcally possible. these improvements clearly translate into weight and cost reductons. #sbe-pr-101-12/13


▲Up To Search▲   

 
Price & Availability of 777D15896-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X